| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA323W Datasheet(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA323W Datasheet(HTML) 66 Page - STMicroelectronics |
|
66 / 71 page ![]() User-programmable settings STA323W 66/71 ... ... ... ... ... 19 0x13 Channel 1 – biquad 4 C1H44 0x400000 20 0x14 Channel 2 – biquad 1 C2H10 0x000000 21 0x15 C2H11 0x000000 …… … … … 39 0x27 Channel 2 – biquad 4 C2H44 0x400000 40 0x28 High-pass 2nd order filter For XO = 000 C12H0 (b1/2) 0x000000 41 0x29 C12H1 (b2) 0x000000 42 0x2A C12H2 (a1/2) 0x000000 43 0x2B C12H3 (a2) 0x000000 44 0x2C C12H4 (b0/2) 0x400000 45 0x2D Low-Pass 2nd order filter For XO = 000 C12L0 (b1/2) 0x000000 46 0x2E C12L1 (b2) 0x000000 47 0x2F C12L2 (a1/2) 0x000000 48 0x30 C12L3 (a2) 0x000000 49 0x31 C12L4 (b0/2) 0x400000 50 0x32 Channel 1 – post scale C1PreS 0x7FFFFF 51 0x33 Channel 2 – post scale C2PreS 0x7FFFFF 52 0x34 Channel 1 – post scale C1PstS 0x7FFFFF 53 0x35 Channel 2 – post scale C2PstS 0x7FFFFF 54 0x36 Channel 3 – post scale C3PstS 0x7FFFFFh 55 0x37 Thermal warning – post scale TWPstS 0x5A9DF7 56 0x38 Channel 1 – mix 1 C1MX1 0x7FFFFF 57 0x39 Channel 1 – mix 2 C1MX2 0x000000 58 0x3A Channel 2 – mix 1 C2MX1 0x000000 59 0x3B Channel 2 – mix 2 C2MX2 0x7FFFFF 60 0x3C Channel 3 – mix 1 C3MX1 0x400000 61 0x3D Channel 3 – mix 2 C3MX2 0x400000 62 0x3E Unused 63 0x3F Unused Table 69. RAM block for biquads, mixing, and scaling Index (decimal) Index (hex) Coefficient Default |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |