Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT4823WSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

No. de pieza RT4823WSC
Descripción Electrónicos  Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4823WSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4823WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RT4823
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4823-01
September 2022
www.richtek.com
1
Wide Input and Ultra-Low Quiescent Current Boost Converter
with High Efficiency
General Description
The RT4823 integrates built-in power transistors,
synchronous rectification, and low supply current to
provide a compact solution for systems using advanced
Li-Ion battery chemistries. The RT4823 is capable of
supplying significant energy when the battery voltage is
lower than the required voltage for system power ICs.
The RT4823 is a boost regulator designed to provide a
minimum output voltage from a single-cell Li-Ion battery,
even when the battery voltage is below system
minimum. In boost mode, output voltage regulation is
guaranteed to a maximum load current of 1500mA.
Quiescent current in shutdown mode is less than 1
A,
which maximizes the battery life. The regulator
transitions smoothly between bypass and normal boost
mode. The device can be forced into bypass mode to
reduce quiescent current.
The RT4823 is available in the WL-CSP-9B 1.3x1.2
(BSC) package.
Applications
NFC Device Power Supply
USB Charging Ports
PC Accessory Application (Keyboard, Mouse...etc.)
TWS (True Wireless Stereo) Hall Sensor
Gaming Device Sensor
Features
Ultra-Low Operating Quiescent Current
Quickly Start-Up Time (< 400
sec)
3 Few External Components : 1
H Inductor, 0402
Case Size Input and 0603 Case Size Output Case
Size Capacitors
Input Voltage Range : 1.8V to 5.5V
Support VIN > VOUT Operation
Default Boost Output Voltage Setting :
VOUT = 5V
Maximum Continuous Load Current : 1.3A at
VIN > 3.6V Boosting VOUT to 5V
Up to 93% Efficiency
EN(H) : Boost Mode
EN(L), BP(H) : Bypass Mode
EN(L), BP(L) : Shutdown Mode
Internal Synchronous Rectifier
Over-Current Protection
Cycle-by-Cycle Current Limit
Over-Voltage Protection
Short-Circuit Protection
Over-Temperature Protection
Small WL-CSP-9B 1.3x1.2 (BSC) Package
Simplified Application Circuit
VIN
RT4823
VOUT
EN
VIN
GND
VOUT
SW
COUT
CIN
L
BP


Número de pieza similar - RT4823WSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
3M Electronics
RT48 3M-RT48 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4801HWSC RICHTEK-RT4801HWSC Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
RT4805AWSC RICHTEK-RT4805AWSC Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
More results

Descripción similar - RT4823WSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Texas Instruments
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com