Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT4823WSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

No. de pieza RT4823WSC
Descripción Electrónicos  Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4823WSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT4823WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 12Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 13Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
RT4823
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4823-01
September 2022
10
Typical Operating Characteristics
Efficiency vs. Output Current
20
40
60
80
100
0.001
0.01
0.1
1
10
100
1000
Output Current (mA)
VIN : 4.5V
VIN : 3.6V
VIN : 3.3V
VIN : 2.5V
VIN : 1.8V
VOUT = 5V
Boost Load Regulation
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0.001
0.010
0.100
1.000
10.000
Output Current (A)
VIN : 5V
VIN : 4.5V
VIN : 3.6V
VIN : 2.5V
VIN : 1.8V
VOUT = 5V
Boost Line Regulation
4.90
5.00
5.10
5.20
5.30
5.40
5.50
2.4
3.0
3.6
4.2
4.8
5.4
6.0
Input Voltage (V)
IOUT : 0.01A
IOUT : 0.1A
IOUT : 0.5A
IOUT : 0.8A
VOUT = 5V
Maximum Output Current vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
Input Voltage (V)
VOUT = 5V
−40°C
25°C
85°C
Output Ripple vs. Output Current
0
20
40
60
80
100
120
0.001
0.01
0.1
1
Output Current (A)
VIN : 2.7V
VIN : 3.3V
VIN : 3.6V
VIN : 4.5V
COUT = 10μF/6.3V (0603), X5R,
GRM188R60J106ME47D
VOUT = 5V
Output Ripple vs. Output Current
0
20
40
60
80
100
120
0.001
0.01
0.1
1
Output Current (A)
COUT = x4 10μF/6.3V (0402), X5R,
GRM155R60J106ME15
VIN : 2.7V
VIN : 3.3V
VIN : 3.6V
VIN : 4.5V
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com