Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ES9039MPRO Datasheet(PDF) 40 Page - ESS Technology,Inc

No. de pieza ES9039MPRO
Descripción Electrónicos  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ESS [ESS Technology,Inc]
Página de inicio  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MPRO Datasheet(HTML) 40 Page - ESS Technology,Inc

Back Button ES9039MPRO Datasheet HTML 36Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 37Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 38Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 39Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 40Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 41Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 42Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 43Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 44Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 95 page
background image
ES9039MPRO & ES9039PRO Product Brief
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
40
Register Listings
Some reserved registers values might be asserted in default mode. This is normal and does not need to be changed.
System Registers
Register 0: SYSTEM CONFIG
Bits
[7]
[6]
[5:4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
2'b00
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
SOFT_RESET
Performs soft reset to digital core.
•
1'b0: Normal operation
•
1'b1: Reset digital core (all settings are set to default)
[6]
ENABLE_64FS_MODE
Enables 64FS mode to run the DAC interpolation path at 64FS.
•
1'b0: 64FS mode disabled (default)
•
1'b1: 64FS mode enabled
Note: This mode should be used for high sample rate (i.e., 705.6/768kHz)
[5:4]
CH78_SEL
Selects ch7/8 nsmod input.
•
2'b00: Input from ch7/8 interpolation path (default)
•
2'b01: Input from ch5/6 interpolation path
•
2'b10: Input from ch1/2 interpolation path
•
2'b11: Reserved
[3]
CH56_SEL
Selects ch5/6 nsmod input.
•
1'b0: Input from ch5/6 interpolation path (default)
•
1'b1: Input from ch1/2 interpolation path
[2]
CH34_SEL
Selects ch3/4 nsmod input.
•
1'b0: Input from ch3/4 interpolation path (default)
•
1'b1: Input from ch1/2 interpolation path
[1]
DAC_MODE_REG
Enables DAC data path
•
1'b0: DAC disabled
•
1'b1: DAC enabled
[0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com