| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES9039MPRO Datasheet(PDF) 93 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9039MPRO Datasheet(HTML) 93 Page - ESS Technology,Inc |
|
93 / 95 page ![]() ES9039MPRO & ES9039PRO Datasheet CONFIDENTIAL ADVANCE INFORMATION 0.2.1 93 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM RPC-2 Pb-Free Process – Classification Temperatures (Tc) Package Thickness Volume mm3, <350 Volume mm3, 350 to 2000 Volume mm3, >2000 <1.6 mm 260°C 260°C 260°C 1.6 mm – 2.5 mm 260°C 250°C 245°C >2.5 mm 250°C 245°C 245°C Table 11 – RPC-2 Pb free classification temperatures At the discretion of the device manufacturer, but not the board assembler/user, the maximum peak package body temperature (Tp) can exceed the values specified in Table RPC-2. The use of a higher Tp does not change the classification temperature (Tc). Package volume excludes external terminals (e.g., balls, bumps, lands, leads) and/or nonintegral heat sinks. The maximum component temperature reached during reflow depends on package thickness and volume. The use of convection reflow processes reduces the thermal gradients between packages. However, thermal gradients due to differences in thermal mass of SMD packages may still exist. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |