| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM358BA Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358BA Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 62 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 27-Sep-2023 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM2904DRG3 LIFEBUY SOIC D 8 2500 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 LM2904 LM2904DRG4 LIFEBUY SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 LM2904 LM2904P ACTIVE PDIP P 8 50 RoHS & Green NIPDAU | SN N / A for Pkg Type -40 to 125 LM2904P Samples LM2904PE4 ACTIVE PDIP P 8 50 RoHS & Green NIPDAU N / A for Pkg Type -40 to 125 LM2904P Samples LM2904PSR LIFEBUY SO PS 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904 LM2904PSR-JF LIFEBUY SO PS 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904 LM2904PW LIFEBUY TSSOP PW 8 150 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904 LM2904PWR ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L2904 Samples LM2904PWR-JF LIFEBUY TSSOP PW 8 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L2904 LM2904PWRG3 LIFEBUY TSSOP PW 8 2000 RoHS & Green SN Level-1-260C-UNLIM -40 to 125 L2904 LM2904PWRG4 LIFEBUY TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904 LM2904PWRG4-JF LIFEBUY TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904 LM2904QDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 2904Q1 Samples LM2904QDRG4 LIFEBUY SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 2904Q1 LM2904VQDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904V Samples LM2904VQDRG4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904V Samples LM2904VQPWR ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904V Samples LM2904VQPWRG4 ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904V Samples LM358ADE4 NRND 75 TBD Call TI Call TI 0 to 70 LM358ADGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM 0 to 70 (M6L, M6P, M6S, M6 U) Samples LM358ADR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 LM358A Samples LM358ADRE4 LIFEBUY SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM358A LM358ADRG4 LIFEBUY SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM358A LM358AP ACTIVE PDIP P 8 50 RoHS & Green NIPDAU | SN N / A for Pkg Type 0 to 70 LM358AP Samples LM358APE4 ACTIVE PDIP P 8 50 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 LM358AP Samples Addendum-Page 3 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |