| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM358BA Datasheet(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358BA Datasheet(HTML) 60 Page - Texas Instruments |
|
60 / 62 page ![]() www.ti.com EXAMPLE BOARD LAYOUT (2.6) 8X (1.05) 8X (0.45) 6X (0.65) (R0.05) TYP 4222047/C 10/2022 SOT-23 - 1.1 mm max height DDF0008A PLASTIC SMALL OUTLINE SYMM SYMM LAND PATTERN EXAMPLE SCALE:15X 1 4 5 8 NOTES: (continued) 4. Publication IPC-7351 may have alternate designs. 5. Solder mask tolerances between and around signal pads can vary based on board fabrication site. METAL SOLDER MASK OPENING NON SOLDER MASK DEFINED SOLDER MASK DETAILS SOLDER MASK OPENING METAL UNDER SOLDER MASK SOLDER MASK DEFINED |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |