| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA7529 Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7529 Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 60 page ![]() TDA7529 Tuning state machine 31/60 5.1.5 Mode 100: jump Figure 11. Jump timing diagram This mode is used to jump to a different frequency and stay there, with reception at the end of the sequence. AFHOLD can be used to tell the back-end to mute/unmute the audio and keep normal processing on hold. AFSAMPLE can be used to tell the back-end when the quality signal processing can be restarted, with a stable situation to start from. 5.2 Mode 100: check Figure 12. Check timing diagram This mode is used to jump to a different frequency and stay there, with audio muted. AFHOLD can be used to tell the back-end to mute/unmute the audio and keep normal processing on hold. AFSAMPLE can be used to tell the back-end when to freeze the quality signal processing. EVENTS TIME transmission with subaddr. bit 7 = 1 wait T1ms wait for Tplllock wait T0.5ms wait 50 us AFSAMPLE AFHOLD B.E. OPERATION mute audio hold unmute audio bus STOP event regs swap AC00048 EVENTS TIME transmission with subaddr. bit 7 = 1 wait T1ms wait for Tplllock AFSAMPLE AFHOLD B.E. OPERATION mute audio hold bus STOP event regs swap AC00049 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |