Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BUX87P Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BUX87P
Descripción Electrónicos  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX87P Datasheet(HTML) 1 Page - NXP Semiconductors

  BUX87P Datasheet HTML 1Page - NXP Semiconductors BUX87P Datasheet HTML 2Page - NXP Semiconductors BUX87P Datasheet HTML 3Page - NXP Semiconductors BUX87P Datasheet HTML 4Page - NXP Semiconductors BUX87P Datasheet HTML 5Page - NXP Semiconductors BUX87P Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUX86P
BUX87P
GENERAL DESCRIPTION
High voltage, high speed glass passivated npn power transistors in a SOT82 envelope intended for use in
converters, inverters, switching regulators, motor control systems and switching applications.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
BUX
86P
87P
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
800
1000
V
V
CEO
Collector-emitter voltage (open base)
-
400
450
V
V
CESAT
Collector-emitter saturation voltage
I
C = 0.2 A; IB = 20 mA
-
1
V
I
C
Collector current (DC)
-
0.5
A
I
CM
Collector current peak value
-
1
A
P
tot
Total power dissipation
T
mb ≤ 25 ˚C
-
42
W
t
f
Fall time
I
C = 0.2 A; IB(on) = 20 mA
0.28
-
µs
PINNING - SOT82
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
emitter
2
collector
3
base
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BUX
86P
87P
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
800
1000
V
V
CEO
Collector-emitter voltage (open base)
-
400
450
V
V
EBO
Emitter-base voltage (open collector)
-
5
V
I
C
Collector current (DC)
-
0.5
A
I
CM
Collector current (peak value) t
p = 2 ms
-
1
A
I
B
Base current (DC)
-
0.2
A
I
BM
Base current (peak value)
-
0.3
A
-I
BM
Reverse base current (peak value)
1
-
0.3
A
P
tot
Total power dissipation
T
mb ≤ 25 ˚C
-
42
W
T
stg
Storage temperature
-40
150
˚C
T
j
Junction temperature
-
150
˚C
1
23
b
c
e
1 Turn-off current.
November 1995
1
Rev 1.100


Número de pieza similar - BUX87P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BUX87 SIEMENS-BUX87 Datasheet
107Kb / 5P
NPN SILICON HIGH VWLTAGE SWITCHING TRANSISTORS
logo
STMicroelectronics
BUX87 STMICROELECTRONICS-BUX87 Datasheet
182Kb / 5P
HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Sep-2003
logo
New Jersey Semi-Conduct...
BUX87 NJSEMI-BUX87 Datasheet
117Kb / 2P
NPN silicon epibase power switching transistors
More results

Descripción similar - BUX87P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com