Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISGM2016 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza ISGM2016
Descripción Electrónicos  IGBT Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISGM2016 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISGM2016 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISGM2016
eq FS150R17N3E4
IGBT Module
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCES
Collector-Emitter
Breakdown
Voltage
VGE=0; IC= 1mA
1700
--
--
V
VGE(TH)
Gate-Emitter Threshold Voltage
VGE= VCE; IC= 6mA
5.2
5.8
6.4
V
VCE(sat)
Collector-Emitter Saturation Voltage I
C
= 150A; VCE= 15V,
TC=25℃
--
1.95
2.30
V
VCE(sat)
Collector-Emitter Saturation Voltage I
C
= 150A; VCE= 15V,
TC=125℃
--
2.35
--
V
VCE(sat)
Collector-Emitter Saturation Voltage I
C
= 150A; VCE= 15V,
TC=150℃
--
2.45
--
V
ICES
Zero Gate Voltage Collector Current VCE=1700V; VGE=0
--
--
1
mA
IGES
Gate-Emitter Leakage Current
VGE=±20V; VCE=0
--
--
±
100
nA
Cies
Input Capacitance
VGS = 0V,
VCS = 25V,
f = 1MHz
--
1.35
--
nF
Cres
Reverse Transfer Capacitance
--
0.44
--
QG
Gate Charge
VGE= +15V/-15V
--
1.70
--
uC
RG
Internal Gate Resistor
f = 1 MHz
--
5.0
--
Ω
td(on)
Turn-on Delay Time
VCC=900V,
IC=150A
VGE=±15V
RGon=0.62Ω
RGoff =0.62Ω
TJ=25℃
--
0.20
--
us
TJ=125℃
0.22
TJ=150℃
--
0.23
--
tr
Turn-on Rise Time
TJ=25℃
--
0.03
--
TJ=125℃
0.04
TJ=150℃
--
0.05
--
TJ=25℃
0.51
td(off)
Turn-off Delay Time
TJ=125℃
--
0.61
--
TJ=150℃
--
0.64
--
TJ=25℃
--
0.29
--
tf
Turn-off Fall Time
TJ=125℃
--
0.52
--
TJ=150℃
--
0.60
--



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com