Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISGM2016 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de pieza ISGM2016
Descripción Electrónicos  IGBT Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISGM2016 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISGM2016 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISGM2016 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISGM2016
eq FS150R17N3E4
IGBT Module
www.iscsemi.com
1
First version
DESCRIPTION
·
VCE(sat) with positive temperature coefficient
·
Low VCE(sat)
·
Low Switching Loss
·
High current capability
·
Short circuit rated
APPLICATIONS
·
Motor Drives
·
Servo Drives
IGBT, INVERTER MAXIMUM RATED VALUES(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1700
V
VGES
Gate-Emitter Voltage
±
20
V
IC
ContinuousDCcollectorcurrent
TJ=175℃; TC=100℃
150
A
ICM
Repetitive peak collector current
300
A
TJOP
Operating junction temperature
-40~150
℃
TJMAX
Maximum junction temperature
175
℃
PD
Power Dissipation ,
TC=25℃; TJ=175℃
835
W


Número de pieza similar - ISGM2016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
ISGM2022 ISC-ISGM2022 Datasheet
443Kb / 5P
Half Bridge Module
ISGM2024 ISC-ISGM2024 Datasheet
600Kb / 4P
IGBT
ISGM2025 ISC-ISGM2025 Datasheet
314Kb / 3P
IGBT
ISGM2028 ISC-ISGM2028 Datasheet
562Kb / 3P
High Voltage IGBT
ISGM2029 ISC-ISGM2029 Datasheet
546Kb / 4P
IGBT
More results

Descripción similar - ISGM2016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
IGBT-Module / IGBT-inverter
logo
Fuji Electric
2MBI200U2A-060 FUJI-2MBI200U2A-060 Datasheet
748Kb / 13P
IGBT module
logo
eupec GmbH
FZ600R65KF1 EUPEC-FZ600R65KF1 Datasheet
179Kb / 10P
IGBT-Module
FS100R12KT3 EUPEC-FS100R12KT3 Datasheet
308Kb / 8P
IGBT-Module
logo
Fairchild Semiconductor
SM2G50US60 FAIRCHILD-SM2G50US60 Datasheet
455Kb / 10P
IGBT MODULE
logo
Semikron International
SK9GD063 SEMIKRON-SK9GD063 Datasheet
131Kb / 2P
IGBT Module
SK30GB067 SEMIKRON-SK30GB067_06 Datasheet
320Kb / 2P
IGBT Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com