Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP358S Datasheet(PDF) 13 Page - Diodes Incorporated

No. de pieza AP358S
Descripción Electrónicos  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358S Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP358S Datasheet HTML 7Page - Diodes Incorporated AP358S Datasheet HTML 8Page - Diodes Incorporated AP358S Datasheet HTML 9Page - Diodes Incorporated AP358S Datasheet HTML 10Page - Diodes Incorporated AP358S Datasheet HTML 11Page - Diodes Incorporated AP358S Datasheet HTML 12Page - Diodes Incorporated AP358S Datasheet HTML 13Page - Diodes Incorporated AP358S Datasheet HTML 14Page - Diodes Incorporated AP358S Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
13 of 15
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
(1) SOP-8L
AP358
(Top view)
Y W
Part Number
Logo
WW: Xth week:01~52
YY: Year
X
Y
W
Internal Code
: " 01 " = 2001
02 " = 2002
X
L : Lead-Free
G : Green (Note 12)
Note: 12. Green is for SOP-8L.
(2) PDIP-8L
AP358
( Top view)
Y W
Part Number
Logo
WW: Xth week:01~52
YY: Year
X
Y
W
Internal Code
: " 01 " = 2001
02 " = 2002
Marking Code Table
Device
Package
Marking Code
Date Code
AP358S
SOP-8L
AP358
YYWW
AP358N
PDIP-8L
AP358
YYWW
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com