Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP358S Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza AP358S
Descripción Electrónicos  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358S Datasheet(HTML) 3 Page - Diodes Incorporated

  AP358S Datasheet HTML 1Page - Diodes Incorporated AP358S Datasheet HTML 2Page - Diodes Incorporated AP358S Datasheet HTML 3Page - Diodes Incorporated AP358S Datasheet HTML 4Page - Diodes Incorporated AP358S Datasheet HTML 5Page - Diodes Incorporated AP358S Datasheet HTML 6Page - Diodes Incorporated AP358S Datasheet HTML 7Page - Diodes Incorporated AP358S Datasheet HTML 8Page - Diodes Incorporated AP358S Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
3 of 15
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
Voltage Controlled Oscillator ( VCO )
+
-
+
-
OUTPUT2
OUTPUT1
0.05µF
+V
C*
V+/2
1/2 AP358
1/2 AP358
51K
51K
R/2
51K
R
100K
51K
10K
100K
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
32
V
Differential Input Voltage
32
V
VIN
Input Voltage
-0.3 to +32
V
PD
Power Dissipation (Note 4)
600
mW
V
+ < 15V and T
A=25
oC
Continuous
Output Short-Circuit to GND
(One Amplifier) (Note 5)
Input Current (VIN < -0.3V)
(Note 6)
40
mA
TOP
Operating Temperature Range
0 to +70
oC
TST
Storage Temperature Range
-65 to +150
oC
Note:
4.
For operating at high temperatures, the AP358 must be derated based on a +125°C maximum junction temperature and a
thermal resistance of 120°C/W for DIP and 189°C/W for Small Outline package, which applies for the device soldered in a
printed circuit board, operating in a still air ambient. The dissipation is the total of both amplifiers—use external resistors,
where possible, to allow the amplifier to saturate or to reduce the power which is dissipated in the integrated circuit.
Note:
5. Short circuits from the output to V
+ can cause excessive heating and eventual destruction. When considering short circuits
to ground, the maximum output current is approximately 40mA independent of the magnitude of V
+. At values of supply
voltage in excess of +15V, continuous short-circuits can exceed the power dissipation ratings and cause eventual
destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers.
Note:
6. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this
diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output
voltages of the op amps to go to the V
+ voltage level (or to ground for a large overdrive) for the time duration that an input is
driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was
negative, again returns to a value greater than -0.3V (at 25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com