Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2SA1015 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

No. de pieza 2SA1015
Descripción Electrónicos  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Página de inicio  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

2SA1015 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  2SA1015 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 2SA1015 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 2SA1015 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 2SA1015 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol Test Condition
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -100μA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -0.1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50 V , IE=0
-0.1
μA
Collector cut-off current
ICEO
VCB=-50V , IE=0
-1
μA
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-0.1
μA
DC current gain
hFE
VCE=-6V, IC= -2mA
130
400
hFE
VCE=-6V, IC= -0.2mA
70
Collector-emitter saturation voltage
VCE(sat) IC=-100 mA, IB= -10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat) IC=-100 mA, IB= -10mA
-1.1
V
Transition frequency
fT
VCE=-10V, IC= -1mA
f=30MHz
80
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE= 0
f=1MHz
7
pf
Noise Figure
NF
VCE=-6V, IC= -0.1mA
Rg=10kΩ; f=1kHz
6
dB
CLASSIFICATION OF hFE
Rank
L
H
Range
130-200
200-400
SOT-23 Plastic-Encapsulate Transistors
UMW
R
UMW 2SA1015
www.umw-ic.com
2
友台半导体有限公司



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com