Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2SA1015 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

No. de pieza 2SA1015
Descripción Electrónicos  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Página de inicio  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

2SA1015 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  2SA1015 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 2SA1015 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 2SA1015 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 2SA1015 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-23 Plastic-Encapsulate Transistors
2SA1015
TRANSI STOR (PNP)
MARKING:
Equivalent Circuit:
FEATURES:
High voltage and high current
Excellent hFE Linearity
Complementary to C1815
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-150
mA
Collector Power Dissipation
PC
200
mW
Thermal Resistance From Junction To Ambient
RΘJA
625
/W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55~+150
SOT-23
1.BASE
2.EMITTER
3.COLLECTOR
UMW
R
UMW 2SA1015
1
www.umw-ic.com
友台半导体有限公司


Número de pieza similar - 2SA1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
156Kb / 2P
PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)
logo
Micro Electronics
2SA1015 MICRO-ELECTRONICS-2SA1015 Datasheet
73Kb / 1P
PNP SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
Audio Frequency Amplifier Applications Low Noise Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1015 KEXIN-2SA1015 Datasheet
37Kb / 1P
PNP Transistor
logo
Dc Components
2SA1015 DCCOM-2SA1015 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results

Descripción similar - 2SA1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com