Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAS21 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

No. de pieza BAS21
Descripción Electrónicos  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Página de inicio  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

BAS21 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  BAS21 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. BAS21 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. BAS21 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. BAS21 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BA
S21A
BA
S21C
BA
S21S
MARKING:JS2
MARKING:JS3
MARKING:JS
4
Solid dot = Green molding compound device,
the normal device
if none,
250
400
200
1
50
-55~+150
BAS21/A/C/S SWITCHING DIODE
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
BA
S21
MARKING: JS
Maximum Ratings @Ta=25
℃
Parameter
Symbol
Limit
Unit
Repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
V
Forward continuous current
mA
Average rectified output current
mA
A
Repetitive peak forward surge current
mA
Power dissipation
PD
mW
Thermal resistance junction to ambient
RθJA
℃/W
Junction temperature
TJ
℃
Storage temperature range
TSTG
℃
Forward Surge Current @t=8.3ms
Non-Repetitive Peak
IFM
IO
IFSM
IFRM
555
225
625
2.5
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 100µA
250
V
Reverse voltage leakage current
IR
VR=200V
0.
1
µA
Forward voltage
VF
IF=100mA
IF=200mA
1000
1250
mV
Diode capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA,Irr=0.1×IR,RL=100Ω
50
n
s
JS
JS
JS2
JS2
JS3
JS3
JS4
JS4
SOT-23 Plastic-Encapsulate Transistors
UMW
R
UMW BAS21/A/C/S
SOT-23
1.
BASE
2.
EMITTER
3.
COLLECTOR
1
www.umw-ic.com
友台半导体有限公司


Número de pieza similar - BAS21

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAS21 PANJIT-BAS21 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS21 PHILIPS-BAS21 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS21 VISHAY-BAS21 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS21 TRSYS-BAS21 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zetex Semiconductors
BAS21 ZETEX-BAS21 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
More results

Descripción similar - BAS21

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com