Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM4650-2 Datasheet(PDF) 15 Page - Analog Devices

No. de pieza LTM4650-2
Descripción Electrónicos  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4650-2 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM4650-2 Datasheet HTML 11Page - Analog Devices LTM4650-2 Datasheet HTML 12Page - Analog Devices LTM4650-2 Datasheet HTML 13Page - Analog Devices LTM4650-2 Datasheet HTML 14Page - Analog Devices LTM4650-2 Datasheet HTML 15Page - Analog Devices LTM4650-2 Datasheet HTML 16Page - Analog Devices LTM4650-2 Datasheet HTML 17Page - Analog Devices LTM4650-2 Datasheet HTML 18Page - Analog Devices LTM4650-2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
LTM4650-2
15
Rev. 0
For more information www.analog.com
Figure 6. Input RMS Current Ratios to DC Load Current as a Function of Duty Cycle
DUTY FACTOR (VOUT/VIN)
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
46502 F06
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
APPLICATIONS INFORMATION
Figure 7. Operating Frequency vs fSET Pin Voltage
fSET PIN VOLTAGE (V)
0
900
800
600
400
100
200
700
500
300
0
2
46502 F07
2.5
1
1.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com