Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCE-DRB2 Datasheet(PDF) 2 Page - PCE Instruments.

No. de pieza PCE-DRB2
Descripción Electrónicos  Handheld Digital Refractometer PCE-DRB 2 Sugars
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PCE [PCE Instruments.]
Página de inicio  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DRB2 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-DRB2 Datasheet HTML 1Page - PCE Instruments. PCE-DRB2 Datasheet HTML 2Page - PCE Instruments. PCE-DRB2 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Measurement parameters: Dextran, fructose, glucose, lactose, maltose, temperature
Automatic temperature compensation (ATC) from +10 ... +40 °C / +50 ... +104 °F
Handheld and portable
User-friendly 3-button operation
Fast and precise measuring results in approx. 1 sec.
ABS plastic housing with IP65 ingress protection rating against water and dust
Large, easy-to-read digital LCD shows both the measured value and the temperature
Average function measures same sample 15 times and displays the mean value
Stainless-steel ring on sample well protects glass prism from damage
Internal light source for improved accuracy
Small liquid sample size of just 4 to 5 drops
Easy calibration with distilled water
Battery-saving automatic power off after 1 min. of inactivity



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com