Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCE-DRB2 Datasheet(PDF) 3 Page - PCE Instruments.

No. de pieza PCE-DRB2
Descripción Electrónicos  Handheld Digital Refractometer PCE-DRB 2 Sugars
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PCE [PCE Instruments.]
Página de inicio  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DRB2 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-DRB2 Datasheet HTML 1Page - PCE Instruments. PCE-DRB2 Datasheet HTML 2Page - PCE Instruments. PCE-DRB2 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Temperature compensation
automatic +10 ... +40 °C / +50 ...
+104 °F
Measurement speed
ca. 1 sec.
Sample size
4 ... 5 drops of liquid
Sample plate
stainless steel ring with glass
prism
Housing
ABS, IP 65
Battery
1 x 1.5 V AAA
Automatic shutdown
after 1 min. measurement break
Protection
IP 65
Dimensions
121 x 58 x 25 mm/ 4.76 x 2.28 x
0.98"
Weight
90 g / 0.2 lb without battery
 
 
Measuring range
 
Dextran
0 ... 10.6 %
Fructose
0 ... 68.9 %
Glucose
0 ... 59.9 %
Lactose
0 ... 16.5 %
Maltose
0 ... 15.6 %
Refractive index
1,3330 ... 1,5177 nD
Temperature
0 ... 40 °C / +32 ... +104 °F
 
 
Resolution
 
Dextran
0.1 %
Fructose
0.1 %
Glucose
0.1 %
Lactose
0.1 %
Maltose
0.1 %
Refractive index
0.0003 nD
Temperature
0.1 °C
 
 
Accuracy
 
Dextran
0.2 %
Fructose
0.2 %
Glucose
0.2 %
Lactose
0.2 %
Maltose
0.2 %
Refractive index
0.0003 nD
Temperature
0.5 °C
More information
Manual
More product info
Similar products



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com