Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCE-DRC2 Datasheet(PDF) 3 Page - PCE Instruments.

No. de pieza PCE-DRC2
Descripción Electrónicos  Handheld Digital Refractometer PCE-DRC 2 Sugars
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PCE [PCE Instruments.]
Página de inicio  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DRC2 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-DRC2 Datasheet HTML 1Page - PCE Instruments. PCE-DRC2 Datasheet HTML 2Page - PCE Instruments. PCE-DRC2 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Temperature compensation  automatic 10 ... 40 °C / 50 ... 104 °F
 
 
Measuring speed
ca. 1 second
Sample volume
4 ... 5 drops
Sample trough
stainless steel ring with glass prism
Housing
ABS, IP 65
Battery
1 x 1.5 V AAA
Automatic switch-off
after 1 minute measurement pause
Degree of protection
IP 65
Dimensions
121 x 58 x 25 mm / 4.7 x 2.2 x 0.9"
 
 
Measuring range
 
Sugar content
0 ... 50 % Brix
Refractive index
1.3330 ... 1.4200 nD
Temperature
0 ... 40 °C / 32 ... 104 °F
 
 
Resolution
 
Sugar content
0.10 %
Refractive index
0.0001 nD
Temperature
± 0.5 %
 
 
Accuracy
 
Sugar content
± 0.2 %
Refractive index
0.0003 nD
Temperature
0.1 °C
More information
More product info
Similar products



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com