Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCE-DRC2 Datasheet(PDF) 1 Page - PCE Instruments.

No. de pieza PCE-DRC2
Descripción Electrónicos  Handheld Digital Refractometer PCE-DRC 2 Sugars
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PCE [PCE Instruments.]
Página de inicio  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DRC2 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DRC2 Datasheet HTML 1Page - PCE Instruments. PCE-DRC2 Datasheet HTML 2Page - PCE Instruments. PCE-DRC2 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Handheld Digital Refractometer PCE-DRC 2 Sugars
Waterproof handheld digital Brix sugar refractometer
for determining the sugar content / measurement parameters Brix, refractive index / 0...50% Brix / 1.3330 ... 1.4200 nD / with
temperature compensation
The most convenient way to determine how much sugar is in a liquid is with a digital Brix sugar refractometer. The digital Brix sugar
refractometer from PCE Instruments is a hand-held measuring device that has been specially designed to carry out a precise analysis of sugar-
containing solutions. In this way, with the support of the Brix Sugar Refractometer, the user can carry out an uncomplicated quality control and
check the sugar concentration in a liquid.
The Brix unit of measurement is mainly used in the fruit industry and determines the relative density of liquids. The Brix Sugar Refractometer is
a precision measuring instrument based on measuring the refractive index of a liquid and guarantees maximum reliability even under difficult
measuring conditions. With the help of the Brix refractometer, the user can already measure the sugar content in a liquid with a small amount
of sample. In order to obtain a meaningful result, it is sufficient to trickle four to five drops into the funnel-shaped stainless steel recess of the
measuring device. A prism is mounted in the sample well, and the sugar content is measured in this way by means of light refraction.
Brix sugar refractometer PCE-DRC 2 with an apple.The internal light source also allows measurements under artificial light conditions.
Artificial light can quickly cause measurement errors when using an analogue Brix sugar refractometer. The ambient temperature has a major
influence on the measurement result. The influence of temperature during use is compensated internally by the Brix sugar refractometer. After
this automatic temperature compensation (10 to 40 °C), the measurement result is displayed quickly and precisely on the large, easy-to-read LC
display of the Brix sugar refractometer. The large measuring range of the Brix sugar refractometer extends from 0 to 50% Brix. In addition, the
display of the Brix sugar refractometer provides information about the measured temperature of the liquid (0 to 40 °C) and the refractive index
(1.3330 to 1.4200 nD) thanks to an integrated temperature display.
The glass prism of the digital Brix sugar refractometer, which is enclosed in the stainless steel recess, can be cleaned quickly and easily before
and after the measurement and is sealed with a plastic prism cover. The Brix Sugar Refractometer was designed to protect the glass prism from
damage. The convenient three-button operation guarantees user-friendly operation. In order to save the battery of the Brix sugar
refractometer, the digital Brix refractometer is equipped with an automatic switch-off. When not in use, the Brix sugar refractometer switches
off automatically after one minute. A few drops of distilled water are enough to calibrate the Brix sugar refractometer yourself at the push of a
button.


Número de pieza similar - PCE-DRC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PCE Instruments.
PCE-DRC1 PCE-PCE-DRC1 Datasheet
595Kb / 3P
Handheld Digital Refractometer PCE-DRC 1 Coolants /Batteries
More results

Descripción similar - PCE-DRC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Extech Instruments Corp...
RF18 EXTECH-RF18 Datasheet
65Kb / 1P
Brix Refractometer
logo
Keysight Technologies
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
Handheld Digital Multimeters
logo
Copal Electronics
PG-100 COPAL-PG-100_16 Datasheet
150Kb / 6P
HANDHELD DIGITAL MANOMETER
PG-100B COPAL-PG-100B_16 Datasheet
89Kb / 4P
HANDHELD DIGITAL MANOMETER
PG-100N COPAL-PG-100N_16 Datasheet
85Kb / 4P
HANDHELD DIGITAL MANOMETER
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
Handheld Digital Multimeters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com