Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCE-DRW2 Datasheet(PDF) 2 Page - PCE Instruments.

No. de pieza PCE-DRW2
Descripción Electrónicos  Handheld Digital Refractometer PCE-DRW 2 Wine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PCE [PCE Instruments.]
Página de inicio  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DRW2 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-DRW2 Datasheet HTML 1Page - PCE Instruments. PCE-DRW2 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0 ... 45% Brix (sucrose or sugar content)
0 ... 22% vol ap (alcohol content)
3 ... 150 °Oe (°Oechsle)
0 ... 25 KMW (babo)
0 ... +40 °C / +32 ... +104 °F temperature
Resolution
0.1 % Brix / 0.1% vol ap / 1 °Oe / 0.1 KMW / 0.1 °
Accuracy
±0.2 % Brix / ±0.2% vol ap / ±2 °Oe / ±0.2 KMW / ±0.5 °C
General specifications
Automatic temperature compensation (ATC) range: +10 ... +40 °C / +50 ... +104 °F
Measurement speed: Approx. 1 sec.
Sample size: 4 to 5 drops of liquid
Sample well: Stainless steel ring over glass prism
Housing: ABS plastic, IP65 ingress protection rating against water and dust
Power supply: 1 x 1.5V AAA battery
Dimensions: Approx. 121 x 58 x 25 mm / 4.76 x 2.28 x 0.98"
Weight: Approx. 90 g / 0.2 lb (without battery)
More information
Manual
Video
More product info
Similar products



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com