Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCE-DRW2 Datasheet(PDF) 1 Page - PCE Instruments.

No. de pieza PCE-DRW2
Descripción Electrónicos  Handheld Digital Refractometer PCE-DRW 2 Wine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PCE [PCE Instruments.]
Página de inicio  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DRW2 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DRW2 Datasheet HTML 1Page - PCE Instruments. PCE-DRW2 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Handheld Digital Refractometer PCE-DRW 2 Wine
Wine Refractometer PCE-DRW 2
Waterproof IP65-rated Brix / alcohol content (% vol ap) / °Oechsle (°Oe) / KMN (babo) refractometer with easy-to-read LCD
PCE-DRW 2 is a handheld digital refractometer used to determine the sugar content / alcohol content (% vol ap) / °Oechsle (°Oe) / KMN (babo)
of wine and similar liquids in the 0 ... 45 % Brix / 0 ... 22% vol ap / 3 ... 150 °Oe / 0 ... 25 KMW measuring range. This waterproof IP65-rated
digital refractometer features automatic temperature compensation (ATC) from +10 ... +40 °C / +50 ... +104 °F, as well as a large, easy-to-read
LCD that shows both the measured value and the temperature.
More Information about Wine Refractometer
For some people wine making and tasting is a special art and life occupation. Nevertheless, even without possessing some special knowledge
about wine, a lot of people around the world value a glass of good wine. What makes it good? The answer is simple and it sounds like –
quality! Correctly selected grapes, correct manufacturing process, amount of sugar and alcohol in it – these are all the crucial factors that make
wine of the most favorite beverages.
Application of wine Refractor in wine growing.Real professionalism in making wine means not only
good and deep knowledge and experience, but also application of the correct and accurate equipment, and a wine refractometer is exactly
such an instrument. The sugar level is essential, since this is one of the main criteria by which the wine kinds are differentiated. Though the
wine refractometer is not used for determining the alcohol level in the final product directly, its measurements can be taken for calculation of
the alcohol level. The level of sugar in the wine must and in the wine which goes to the bottle are different. During the fermentation, a certain
amount of sugar is “consumed” by the wine material and alcohol is produced. Sugar testing by the wine refractometer is simple, and this
instrument may be applied even to determine the level of ripeness of the grapes in the vineyard. Being portable, the wine refractometer can be
used not only at the winery, but also in the field and vinery.
Measurement parameters: Brix, % vol ap, °Oechsle, KMW, temperature
Automatic temperature compensation (ATC) from +10 ... +40 °C / +50 ... +104 °F
Handheld and portable
User-friendly 3-button operation
Fast and precise measuring results in approx. 1 sec.
ABS plastic housing with IP65 ingress protection rating against water and dust
Large, easy-to-read digital LCD shows both the measured value and the temperature
Average function measures same sample 15 times and displays the mean value
Stainless-steel ring on sample well protects glass prism from damage
Internal light source for improved accuracy
Small liquid sample size of just 4 to 5 drops
Easy calibration with distilled water
Battery-saving automatic power off after 1 min. of inactivity


Número de pieza similar - PCE-DRW2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PCE Instruments.
PCE-DRW1 PCE-PCE-DRW1 Datasheet
440Kb / 2P
Handheld Digital Refractometer PCE-DRW 1 Beer
More results

Descripción similar - PCE-DRW2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Extech Instruments Corp...
RF18 EXTECH-RF18 Datasheet
65Kb / 1P
Brix Refractometer
logo
Keysight Technologies
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
Handheld Digital Oscilloscopes
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
Handheld Digital Multimeters
logo
Copal Electronics
PG-100 COPAL-PG-100_16 Datasheet
150Kb / 6P
HANDHELD DIGITAL MANOMETER
PG-100B COPAL-PG-100B_16 Datasheet
89Kb / 4P
HANDHELD DIGITAL MANOMETER
PG-100N COPAL-PG-100N_16 Datasheet
85Kb / 4P
HANDHELD DIGITAL MANOMETER
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
Handheld Digital Multimeters
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com