Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RG316/U Datasheet(PDF) 7 Page - ITT Industries

No. de pieza RG316/U
Descripción Electrónicos  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

RG316/U Datasheet(HTML) 7 Page - ITT Industries

Back Button RG316/U Datasheet HTML 3Page - ITT Industries RG316/U Datasheet HTML 4Page - ITT Industries RG316/U Datasheet HTML 5Page - ITT Industries RG316/U Datasheet HTML 6Page - ITT Industries RG316/U Datasheet HTML 7Page - ITT Industries RG316/U Datasheet HTML 8Page - ITT Industries RG316/U Datasheet HTML 9Page - ITT Industries RG316/U Datasheet HTML 10Page - ITT Industries RG316/U Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
111
Assy Insts
BODY ASSEMBLY
CAP
RF Coaxial Connectors
Assembly Instructions
AI-98
SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
1. Trim cable jacket, dielectric and center conductor to dimensions shown, being careful not to fracture
the center conductor. Tin center conductor (DO NOT OVER TIN).
2. Slide cable into body and solder into place.
3. Solder center conductor to contact (do not over solder), then locate the cap in rear of body and dimple
or lightly punch to ensure it is locked in position.
AB
4,75
± 0,13 (.187 ± .005)
2,29
± 0,13 (.097 ± .005)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39