Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RG316/U Datasheet(PDF) 15 Page - ITT Industries

No. de pieza RG316/U
Descripción Electrónicos  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

RG316/U Datasheet(HTML) 15 Page - ITT Industries

Back Button RG316/U Datasheet HTML 11Page - ITT Industries RG316/U Datasheet HTML 12Page - ITT Industries RG316/U Datasheet HTML 13Page - ITT Industries RG316/U Datasheet HTML 14Page - ITT Industries RG316/U Datasheet HTML 15Page - ITT Industries RG316/U Datasheet HTML 16Page - ITT Industries RG316/U Datasheet HTML 17Page - ITT Industries RG316/U Datasheet HTML 18Page - ITT Industries RG316/U Datasheet HTML 19Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
119
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-436, AI-499 & AI-523
SMS & SSISStraight and Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
1. Trim cable to dimensions shown, being careful not to nick center conductor
‘A’ = 2,29 (.090).
2. Insert cable into rear of body until cable seats in counterbore. Holding firm in this position. Solder
cable to body.
NOTE
Only common cable entry features are shown in detail. Various body configurations can apply.
BODY ASSEMBLY
BODY ASSEMBLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39