| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SFH5721 Datasheet(PDF) 14 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH5721 Datasheet(HTML) 14 Page - OSRAM GmbH |
|
14 / 54 page ![]() SFH 5721 DATASHEET DATASHEET 14 | Version 1.1 | 2022-02-28 Formulas The following formulas are used to get from digital COUNTS to the physical units. For the counts of the Ambient Light Channel we calculate the Illuminance in lux. For the Infrared Channel, we calculate the Irradiance in µW/cm². In the Table below, first the formulas and then the different integration time values and their value for the formula are listed. For the calculations you need three variables, digital gain (DGAIN), analog gain (AGAIN) and the right value for the current integration time (IT). These settings are adjustable and defined in the measurement configuration registers (MCONFA and MCONFB) of the sensor. ALS Channel: ������������������������[������������������������]=512∗ ������������������������������������������������������������ ������������������������������������������������������������∗������������������������������������������������������������∗2������������������������ IR Channel: ������������������������[µ������������/������������������������²]=100∗ ������������������������������������������������������������ ������������������������������������������������������������∗������������������������������������������������������������∗2������������������������ Maximum ADC Scale TINT [ms] IT [Bit] [COUNTS] 0.2 0 9 511 0.4 1 10 1023 0.8 2 11 2047 1.6 3 12 4095 3.1 4 13 8191 6.3 5 14 16383 12.5 6 15 32767 25 7 16 65535 50 8 16 65535 100 9 16 65535 200 10 16 65535 400 11 16 65535 800 12 16 65535 1600 13 16 65535 TINT = Integration Time in ms IT = Integration Time Setting |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |