| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SFH5721 Datasheet(PDF) 37 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH5721 Datasheet(HTML) 37 Page - OSRAM GmbH |
|
37 / 54 page ![]() SFH 5721 DATASHEET DATASHEET 37 | Version 1.1 | 2022-02-28 Data 1 LSB Register (DATA1L) 0x0C Bit NAME R/W Default Description 7:0 DATA1L[7:0] R/W 0000 0000 Data Low Byte Dark Channel The DATA1L and DATA1H registers are used to store the data of readout Dark channel. Data 1 MSB Register (DATA1H) 0x0D Bit NAME R/W Default Description 7:0 DATA1H[7:0] R/W 0000 0000 Data High Byte Dark Channel The DATA1L and DATA1H registers are used to store the data of readout Dark channel. Data 2 LSB Register (DATA2L) 0x0E Bit NAME R/W Default Description 7:0 DATA2L[7:0] R/W 0000 0000 Data Low Byte IR Channel The DATA2L and DATA2H registers are used to store the data of readout IR channel. Data 2 MSB Register (DATA2H) 0x0F Bit NAME R/W Default Description 7:0 DATA2H[7:0] R/W 0000 0000 Data High Byte IR Channel The DATA2L and DATA2H registers are used to store the data of readout IR channel. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |