Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCS3771 Datasheet(PDF) 18 Page - OSRAM GmbH

No. de pieza TCS3771
Descripción Electrónicos  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 14Page - OSRAM GmbH TCS3771 Datasheet HTML 15Page - OSRAM GmbH TCS3771 Datasheet HTML 16Page - OSRAM GmbH TCS3771 Datasheet HTML 17Page - OSRAM GmbH TCS3771 Datasheet HTML 18Page - OSRAM GmbH TCS3771 Datasheet HTML 19Page - OSRAM GmbH TCS3771 Datasheet HTML 20Page - OSRAM GmbH TCS3771 Datasheet HTML 21Page - OSRAM GmbH TCS3771 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
ams Datasheet
Page 17
[v1-31] 2018-Apr-04
Document Feedback
TCS3771 − Principles of Operation
RGBC Operation
The RGBC engine contains RGBC gain control (AGAIN) and four
integrating analog-to-digital converters (ADC) for the RGBC
photodiodes. The RGBC integration time (ATIME) impacts both
the resolution and the sensitivity of the RGBC reading.
Integration of all four channels occurs simultaneously and upon
completion of the conversion cycle, the results are transferred
to the color data registers. This data is also referred to as channel
count. The transfers are double-buffered to ensure that invalid
data is not read during the transfer. After the transfer, the device
automatically moves to the next state in accordance with the
configured state machine.
Figure 20:
RGBC Operation
The registers for programming the integration and wait times
are a 2’s compliment values. The actual time can be calculated
as follows:
ATIME = 256 - Integration Time / 2.4ms
Inversely, the time can be calculated from the register value as
follows:
Integration Time = 2.4ms × (256 - ATIME)
For example, if a 100-ms integration time is needed, the device
needs to be programmed to:
256 - (100 / 2.4) = 256 - 42 = 214 = 0xD6
Conversely, the programmed value of 0xC0 would correspond
to:
(256 - 0xC0) × 2.4 = 64 × 2.4 = 154ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com