Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCS3771 Datasheet(PDF) 28 Page - OSRAM GmbH

No. de pieza TCS3771
Descripción Electrónicos  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 24Page - OSRAM GmbH TCS3771 Datasheet HTML 25Page - OSRAM GmbH TCS3771 Datasheet HTML 26Page - OSRAM GmbH TCS3771 Datasheet HTML 27Page - OSRAM GmbH TCS3771 Datasheet HTML 28Page - OSRAM GmbH TCS3771 Datasheet HTML 29Page - OSRAM GmbH TCS3771 Datasheet HTML 30Page - OSRAM GmbH TCS3771 Datasheet HTML 31Page - OSRAM GmbH TCS3771 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
ams Datasheet
Page 27
[v1-31] 2018-Apr-04
Document Feedback
TCS3771 − Principles of Operation
Enable Register (0x00)
The Enable Register is used primarily to power the TCS3771
device on and off, and enable functions and interrupts as shown
in Figure 30.
Figure 30:
Enable Register
Note(s):
1. A minimum interval of 2.4ms must pass after PON is asserted before either a proximity or an RGBC can be initiated. This required
time is enforced by the hardware in cases where the firmware does not provide it.
7
6
5432
10
Reserved
PIEN
AIEN
WEN
PEN
AEN
PON
Field
Bits
Description
Reserved
7:6
Reserved. Write as 0.
PIEN
5
Proximity interrupt enable. When asserted, permits proximity interrupts to be
generated.
AIEN
4
RGBC interrupt enable. When asserted, permits RGBC interrupts to be generated.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait timer.
Writing a 0 disables the wait timer.
PEN
2
Proximity enable. This bit activates the proximity function. Writing a 1 enables
proximity. Writing a 0 disables proximity.
AEN
1
RGBC enable. This bit actives the two-channel ADC. Writing a 1 activates the RGBC.
Writing a 0 disables the RGBC.
PON (1)
0
Power ON. This bit activates the internal oscillator to permit the timers and ADC
channels to operate. Writing a 1 activates the oscillator. Writing a 0 disables the
oscillator. During reads and writes over the I2C interface, this bit is temporarily
overridden and the oscillator is enabled, independent of the state of PON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com