Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SN74ACT573 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ACT573
Descripción Electrónicos  SN74ACT573-Q1 Automotive Octal D-Type Transparent Latches With 3-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT573 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74ACT573 Datasheet HTML 16Page - Texas Instruments SN74ACT573 Datasheet HTML 17Page - Texas Instruments SN74ACT573 Datasheet HTML 18Page - Texas Instruments SN74ACT573 Datasheet HTML 19Page - Texas Instruments SN74ACT573 Datasheet HTML 20Page - Texas Instruments SN74ACT573 Datasheet HTML 21Page - Texas Instruments SN74ACT573 Datasheet HTML 22Page - Texas Instruments SN74ACT573 Datasheet HTML 23Page - Texas Instruments SN74ACT573 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
C
18X 0.65
2X
5.85
20X
0.30
0.19
TYP
6.6
6.2
1.2 MAX
0.15
0.05
0.25
GAGE PLANE
-8
0
B
NOTE 4
4.5
4.3
A
NOTE 3
6.6
6.4
0.75
0.50
(0.15) TYP
TSSOP - 1.2 mm max height
PW0020A
SMALL OUTLINE PACKAGE
4220206/A 02/2017
1
10
11
20
0.1
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-153.
SEATING
PLANE
A 20
DETAIL A
TYPICAL
SCALE 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com