Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SN74ACT573 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ACT573
Descripción Electrónicos  SN74ACT573-Q1 Automotive Octal D-Type Transparent Latches With 3-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT573 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT573 Datasheet HTML 1Page - Texas Instruments SN74ACT573 Datasheet HTML 2Page - Texas Instruments SN74ACT573 Datasheet HTML 3Page - Texas Instruments SN74ACT573 Datasheet HTML 4Page - Texas Instruments SN74ACT573 Datasheet HTML 5Page - Texas Instruments SN74ACT573 Datasheet HTML 6Page - Texas Instruments SN74ACT573 Datasheet HTML 7Page - Texas Instruments SN74ACT573 Datasheet HTML 8Page - Texas Instruments SN74ACT573 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
7
V
VI
Input voltage range(2)
-0.5 VCC + 0.5 V
V
VO
Output voltage range(2)
-0.5 VCC + 0.5 V
V
IIK
Input clamp current
VI < -0.5 V or VI >
VCC + 0.5 V
±20
mA
IOK
Output clamp current
VO < -0.5 V or VO
> VCC + 0.5 V
±50
mA
IO
Continuous output current
VO = 0 to VCC
±50
mA
Continuous output current through VCC or GND
±200
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
4.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per AEC Q100-002 HBM ESD Classification Level 2(1)
±2000
V
Charged device model (CDM), per AEC Q100-011 CDM ESD Classification Level
C4B
±1000
(1)
AEC Q100-002 indicate that HBM stressing shall be in accordrance with the ANSI/ESDA/JEDEC JS-001 specification.
4.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
Spec
Description
Condition
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-Level input voltage
0.8
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
-24
mA
IOL
Low-level output current
24
mA
Δt/Δv
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
-40
125
°C
4.4 Thermal Information
THERMAL METRIC(1)
PW (TSSOP)
RKS (VQFN)
UNIT
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
126.2
67.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
68.7
72.4
°C/W
RθJB
Junction-to-board thermal resistance
77.3
40.4
°C/W
SN74ACT573-Q1
SCAS964A – NOVEMBER 2023 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74ACT573-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com