| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC515847 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC515847 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc |
|
57 / 142 page ![]() Device User Guide — 9S12DT128DGV2/D V02.15 57 Freescale Semiconductor Section 2 Signal Description This section describes signals that connect off-chip. It includes a pinout diagram, a table of signal properties, and detailed discussion of signals. It is built from the signal description sections of the Block User Guides of the individual IP blocks on the device. 2.1 Device Pinout The MC9S12DT128 and its derivatives are available in a 112-pin low profile quad flat pack (LQFP) and in a 80-pin quad flat pack (QFP). Most pins perform two or more functions, as described in the Signal Descriptions. Figure 2-1, Figure 2-2, and Figure 2-3 show the pin assignments for different packages. |