| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC515847 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC515847 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc |
|
87 / 142 page ![]() Device User Guide — 9S12DT128DGV2/D V02.15 87 Freescale Semiconductor Consult the ECT_16B8C Block User Guide for information about the Enhanced Capture Timer module.When the ECT_16B8C Block User Guide refers to freeze mode this is equivalent to active BDM mode. Section 10 Analog to Digital Converter (ATD) Block Description There are two Analog to Digital Converters (ATD1 and ATD0) implemented on the MC9S12DT128. Consult the ATD_10B8C Block User Guide for information about each Analog to Digital Converter module. When the ATD_10B8C Block User Guide refers to freeze mode this is equivalent to active BDM mode. Section 11 Inter-IC Bus (IIC) Block Description Consult the IIC Block User Guide for information about the Inter-IC Bus module. Section 12 Serial Communications Interface (SCI) Block Description There are two Serial Communications Interfaces (SCI1 and SCI0) implemented on the MC9S12DT128 device. Consult the SCI Block User Guide for information about each Serial Communications Interface module. Section 13 Serial Peripheral Interface (SPI) Block Description There are two Serial Peripheral Interfaces (SPI1 and SPI0) implemented on MC9S12DT128. Consult the SPI Block User Guide for information about each Serial Peripheral Interface module. Section 14 J1850 (BDLC) Block Description Consult the BDLC Block User Guide for information about the J1850 module. Section 15 Byteflight (BF) Block Description Consult the BF Block User Guide for information about the 10 Mbps Byteflight module. |