Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S12MSCANV2/D Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

No. de pieza S12MSCANV2/D
Descripción Electrónicos  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 34Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 35Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 36Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 37Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 38Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 39Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 40Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 41Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
$00C2
IBCR
Read:
IBEN
IBIE
MS/SL
TX/RX
TXAK
00
IBSWAI
Write:
RSTA
$00C3
IBSR
Read:
TCF
IAAS
IBB
IBAL
0SRW
IBIF
RXAK
Write:
$00C4
IBDR
Read:
D7
D6
D5
D4
D3
D2
D1
D 0
Write:
$00C5
Reserved
Read:
0
0
0
0
0
0
0
0
Write:
$00C6
Reserved
Read:
00000000
Write:
$00C7
Reserved
Read:
00000000
Write:
$00C8 - $00CF
SCI0 (Asynchronous Serial Interface)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00C8
SCI0BDH
Read:
0
0
0
SBR12
SBR11
SBR10
SBR9
SBR8
Write:
$00C9
SCI0BDL
Read:
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
Write:
$00CA
SCI0CR1
Read:
LOOPS
SCISWAI
RSRC
M
WAKE
ILT
PE
PT
Write:
$00CB
SCI0CR2
Read:
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
Write:
$00CC
SCI0SR1
Read:
TDRE
TC
RDRF
IDLE
OR
NF
FE
PF
Write:
$00CD
SCI0SR2
Read:
00000
BRK13
TXDIR
RAF
Write:
$00CE
SCI0DRH
Read:
R8
T8
000000
Write:
$00CF
SCI0DRL
Read:
R7
R6
R5
R4
R3
R2
R1
R0
Write:
T7
T6
T5
T4
T3
T2
T1
T0
$00D0 - $00D7
SCI1 (Asynchronous Serial Interface) only on MC9S12H256
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00D0
SCI1BDH
Read:
0
0
0
SBR12
SBR11
SBR10
SBR9
SBR8
Write:
$00D1
SCI1BDL
Read:
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
Write:
$00D2
SCI1CR1
Read:
LOOPS
SCISWAI
RSRC
M
WAKE
ILT
PE
PT
Write:
$00D3
SCI1CR2
Read:
TIE
TE
RE
RWU
SBK
Write:
$00D4
SCI1SR1
Read:
TDRE
OR
NF
FE
PF
Write:
$00C0 - $00C7
IIC (Inter IC Bus)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com