Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S12MSCANV2/D Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

No. de pieza S12MSCANV2/D
Descripción Electrónicos  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 49Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 50Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 51Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 52Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 53Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 54Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 55Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 56Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
1.6 Part ID Assignments
The part ID is located in two 8-bit registers PARTIDH and PARTIDL at addresses $001A,$001B,
respectively. The read-only value is a unique part ID for each revision of the chip. Table 1-5 shows the
assigned part ID numbers.
$0245
PPSV
Read:
PPSV7
PPSV6
PPSV5
PPSV4
PPSV3
PPSV2
PPSV1
PPSV0
Write:
$0246
Reserved
Read:
00000000
Write:
$0247
Reserved
Read:
00000000
Write:
$0248
PTW
Read:
PTW7
PTW6
PTW5
PTW4
PTW3
PTW2
PTW1
PTW0
Write:
$0249
PTIW
Read:
PTIW7
PTIW6
PTIW5
PTIW4
PTIW3
PTIW2
PTIW1
PTIW0
Write:
$024A
DDRW
Read:
DDRW7
DDRW7
DDRW5
DDRW4
DDRW3
DDRW2
DDRW1
DDRW0
Write:
$024B
SRRW
Read:
SRRW7
SRRW6
SRRW5
SRRW4
SRRW3
SRRW2
SRRW1
SRRW0
Write:
$024C
PERW
Read:
PERW7
PERW6
PERW5
PERW4
PERW3
PERW2
PERW1
PERW0
Write:
$024D
PPSW
Read:
PPSW7
PPSW6
PPSW5
PPSW4
PPSW3
PPSW2
PPSW1
PPSW0
Write:
$024E
Reserved
Read:
00000000
Write:
$024F
Reserved
Read:
00000000
Write:
$0250 -
$027F
Reserved
Read:
00000000
Write:
$0280 - $03FF
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0280 -
$03FF
Reserved
Read:
00000000
Write:
Table 1-5 Assigned Part ID Numbers
Device
Mask Set Number
Part ID1
MC9S12H256
0K78X
$1000
MC9S12H256
1K78X
$1001
$0200 - $027F
PIM (Port Integration Module)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More