| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC880CZP66 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC880CZP66 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 92 page ![]() MPC885/MPC880 Hardware Specifications, Rev. 3 82 Freescale Semiconductor Mechanical Data and Ordering Information PB27 I2CSDA BRGO1 U19 Bidirectional (Optional: open-drain) PB26 I2CSCL BRGO2 R17 Bidirectional (Optional: open-drain) PB25 RXADDR31 TXADDR3 SMTXD1 V17 Bidirectional (Optional: open-drain) PB24 TXADDR31 RXADDR3 SMRXD1 U16 Bidirectional (Optional: open-drain) PB23 TXADDR21 RXADDR2 SDACK1 SMSYN1 W16 Bidirectional (Optional: open-drain) PB22 TXADDR41 RXADDR4 SDACK2 SMSYN2 V15 Bidirectional (Optional: open-drain) PB21 SMTXD2 TXADDR1 1 BRG01 RXADDR1 PHSEL[1] U14 Bidirectional (Optional: open-drain) PB20 SMRXD2 L1CLKOA TXADDR01 RXADDR0 PHSEL[0] T13 Bidirectional (Optional: open-drain) PB19 MII1-RXD3 RTS4 V13 Bidirectional (Optional: open-drain) PB18 RXADDR41 TXADDR4 RTS2 L1ST2 T12 Bidirectional (Optional: open-drain) Table 39. Pin Assignments (continued) Name Pin Number Type |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |