Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB95F136JS Datasheet(PDF) 10 Page - fujitsu semiconductor

No. de pieza MB95F136JS
Descripción Electrónicos  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB95F136JS Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB95F136JS Datasheet HTML 6Page - fujitsu semiconductor MB95F136JS Datasheet HTML 7Page - fujitsu semiconductor MB95F136JS Datasheet HTML 8Page - fujitsu semiconductor MB95F136JS Datasheet HTML 9Page - fujitsu semiconductor MB95F136JS Datasheet HTML 10Page - fujitsu semiconductor MB95F136JS Datasheet HTML 11Page - fujitsu semiconductor MB95F136JS Datasheet HTML 12Page - fujitsu semiconductor MB95F136JS Datasheet HTML 13Page - fujitsu semiconductor MB95F136JS Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
MB95130M Series
10
(Continued)
* : For the I/O circuit type, refer to "
■ I/O CIRCUIT TYPE".
Pin no.
Pin name
I/O
circuit
type*
Function
23
P10/UIO
G
General-purpose I/O port
Shared with UART/SIO ch.0 data input (UI0)
24
P11/UO0
H
General-purpose I/O port
Shared with UART/SIO ch.0 data output (UO0)
25
P12/UCK0/
EC0
General-purpose I/O port
Shared with UART/SIO ch.0 clock I/O (UCK0) and 8/16-bit com-
pound timer ch.0 clock input (EC0)
26
P13/TRG0/
ADTG
General-purpose I/O port
Shared with 16-bit PPG ch.0 trigger input (TRG0) and A/D converter
trigger input (ADTG)
27
P14/PPG0
General-purpose I/O port
Shared with 16-bit PPG ch.0 output (PPG0)
28
P15
General-purpose I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63