Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB95F136JS Datasheet(PDF) 16 Page - fujitsu semiconductor

No. de pieza MB95F136JS
Descripción Electrónicos  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB95F136JS Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB95F136JS Datasheet HTML 12Page - fujitsu semiconductor MB95F136JS Datasheet HTML 13Page - fujitsu semiconductor MB95F136JS Datasheet HTML 14Page - fujitsu semiconductor MB95F136JS Datasheet HTML 15Page - fujitsu semiconductor MB95F136JS Datasheet HTML 16Page - fujitsu semiconductor MB95F136JS Datasheet HTML 17Page - fujitsu semiconductor MB95F136JS Datasheet HTML 18Page - fujitsu semiconductor MB95F136JS Datasheet HTML 19Page - fujitsu semiconductor MB95F136JS Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
MB95130M Series
16
• Programming method
1) Set the type code of the parallel programmer to "17237".
2) Load program data to programmer addresses 7E000H to 7FFFFH.
3) Write data with the parallel programmer.
*: Programmer addresses are corresponding to CPU addresses, used when the parallel programmer
programs data into Flash memory.
These programmer addresses are used for the parallel programmer to program or erase data in
Flash memory.
Flash memory
CPU address
Programmer address*
8 Kbytes
E000H
1E000H
FFFFH
1FFFFH
• MB95F133MS/F133NS/F133JS/F133MW/F133NW/F133JW (8 Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63