Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-53 Datasheet(PDF) 1 Page - Power Integrations, Inc.

No. de pieza DER-53
Descripción Electrónicos  20W Dual Output Power Supply using TOP247Y
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-53 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DER-53 Datasheet HTML 1Page - Power Integrations, Inc. DER-53 Datasheet HTML 2Page - Power Integrations, Inc. DER-53 Datasheet HTML 3Page - Power Integrations, Inc. DER-53 Datasheet HTML 4Page - Power Integrations, Inc. DER-53 Datasheet HTML 5Page - Power Integrations, Inc. DER-53 Datasheet HTML 6Page - Power Integrations, Inc. DER-53 Datasheet HTML 7Page - Power Integrations, Inc. DER-53 Datasheet HTML 8Page - Power Integrations, Inc. DER-53 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Design Example Report
Title
20W Dual Output Power Supply using
TOP247Y
Specification
Input: 85-265 VAC
Output: 12V/1.25A, -14V/0.4A
Application
Cooking Range
Author
Power Integrations Applications Department
Document
Number
DER-53
Date
April 20, 2005
Revision
1.0
Summary and Features
This document is an engineering prototype report describing a 20W power supply
utilizing a TOP247Y. This power supply will be used in a cook top application where the
maximum ambient temperature can reach 105C.
• 105C Ambient Operation
• TOP247Y operates at 66kHz to reduce switching losses and EMI filter size
• Compact PCB 7” X 3”
• High efficiency >85% at full load
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com.


Número de pieza similar - DER-53

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
30W Multiple Output Power Supply using TOP245R
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
16W Power Supply using TOP243P
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
3.9W Power Supply using TNY263P
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
10.5 W Multi Output Isolated Power Supply using TNY267P
DER-56 POWERINT-DER-56 Datasheet
694Kb / 24P
4.8W Charger using LNK520P
More results

Descripción similar - DER-53

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
20W Single Output Switching Power Supply
NFM-20 MEANWELL-NFM-20 Datasheet
253Kb / 2P
20W Output Switching Power Supply
PM-20 MEANWELL-PM-20 Datasheet
371Kb / 2P
20W Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
20W Single Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_09 Datasheet
254Kb / 2P
20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_10 Datasheet
372Kb / 2P
20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_12 Datasheet
387Kb / 2P
20W Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
20W Single Output LED Power Supply
NFM-20 MEANWELL-NFM-20_12 Datasheet
269Kb / 2P
20W Output Switching Power Supply
IRM-20 MEANWELL-IRM-20 Datasheet
163Kb / 2P
20W Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com