Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-53 Datasheet(PDF) 19 Page - Power Integrations, Inc.

No. de pieza DER-53
Descripción Electrónicos  20W Dual Output Power Supply using TOP247Y
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-53 Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button DER-53 Datasheet HTML 15Page - Power Integrations, Inc. DER-53 Datasheet HTML 16Page - Power Integrations, Inc. DER-53 Datasheet HTML 17Page - Power Integrations, Inc. DER-53 Datasheet HTML 18Page - Power Integrations, Inc. DER-53 Datasheet HTML 19Page - Power Integrations, Inc. DER-53 Datasheet HTML 20Page - Power Integrations, Inc. DER-53 Datasheet HTML 21Page - Power Integrations, Inc. DER-53 Datasheet HTML 22Page - Power Integrations, Inc. DER-53 Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DER-53
105C Dual Output Cook top Power Supply
April 20, 2005
Page 19 of 27
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9
Thermal Performance
Unit was placed into a box in a thermal chamber at 105ºC and allowed to reach thermal
equilibrium. The unit was placed in a box to prevent any airflow from the thermal chamber
fan from reaching the unit. Thermocouples were placed on the TOPSwitch, output
rectifier and transformer. At full rated load the unit does not have any appreciable
temperature rise over the ambient.
Temperature (
ºC)
Item
115VAC
230VAC
Ambient
105
105
Transformer (T1)
109
105
TOPSwitch (U1)
105
105
Rectifier (D8)
105
105
Capacitor (C10)
105
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com