Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-95 Datasheet(PDF) 7 Page - Power Integrations, Inc.

No. de pieza DER-95
Descripción Electrónicos  30W Adapter using TOP245Y
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-95 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button DER-95 Datasheet HTML 3Page - Power Integrations, Inc. DER-95 Datasheet HTML 4Page - Power Integrations, Inc. DER-95 Datasheet HTML 5Page - Power Integrations, Inc. DER-95 Datasheet HTML 6Page - Power Integrations, Inc. DER-95 Datasheet HTML 7Page - Power Integrations, Inc. DER-95 Datasheet HTML 8Page - Power Integrations, Inc. DER-95 Datasheet HTML 9Page - Power Integrations, Inc. DER-95 Datasheet HTML 10Page - Power Integrations, Inc. DER-95 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DER-95
30 W Adapter for Portable DVD
September 12, 2005
Page 7 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
4
Circuit Description
The schematic in Figure 2 shows an off-line flyback converter using the TOP245Y. The
circuit is designed for 90 VAC to 265 VAC input and provides an isolated 9.7 V, 3.0 A
continuous output.
4.1
Input EMI Filtering
Conducted EMI filtering is provided by pi formed filter C7, C4, L1, The switching
frequency jitter feature of the TOPSwitch-GX family allows the use of a small, low cost
common mode choke for L1.
To keep the peak DRAIN voltage acceptably below the BVDSS (700V) of U1, diode D2,
C5, R1 and R3 form a primary clamp. This network clamps the voltage spike seen on the
DRAIN due to primary leakage inductance. Diode D3 and capacitor C8 provide rectified
and filtered bias supply for U1.
4.2
Reduced current limit
Resistor R4, R6, R9 and R13 are used to set the maximum current limit for both high line
and low line.
R2 is used for input undervoltage lockout (UVLO).
4.3
Output Rectification
The secondary of T1 is rectified and filtered by D4, C1 & C3. Post filter choke L2 and C15
provide additional high frequency filtering.
4.4
Output Feedback
DC feedback to the output voltage regulator error amplifier (U3) comes from a voltage
divider network R8 and R16. The center point of this network is tied to the 2.5 V REF pin
of U3. Capacitor C11 and resistor R12 roll off the high frequency gain of U3 while R5 sets
the overall gain.
C9 is a “soft finish” capacitor to eliminate output over shoot during start up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com