Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-95 Datasheet(PDF) 8 Page - Power Integrations, Inc.

No. de pieza DER-95
Descripción Electrónicos  30W Adapter using TOP245Y
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-95 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button DER-95 Datasheet HTML 4Page - Power Integrations, Inc. DER-95 Datasheet HTML 5Page - Power Integrations, Inc. DER-95 Datasheet HTML 6Page - Power Integrations, Inc. DER-95 Datasheet HTML 7Page - Power Integrations, Inc. DER-95 Datasheet HTML 8Page - Power Integrations, Inc. DER-95 Datasheet HTML 9Page - Power Integrations, Inc. DER-95 Datasheet HTML 10Page - Power Integrations, Inc. DER-95 Datasheet HTML 11Page - Power Integrations, Inc. DER-95 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DER-95
30 W Adapter for Portable DVD
September 12, 2005
Page 8 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
5
PCB Layout
Figure 3 – Printed Circuit Layout
Note: R18 and C17 are not shown in this layout. They are added onto the bottom of the
board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com