| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
A19360LUBATN-RPR4 Datasheet(PDF) 12 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A19360LUBATN-RPR4 Datasheet(HTML) 12 Page - Allegro MicroSystems |
|
12 / 18 page ![]() High-Resolution GMR Wheel Speed and Distance Sensor IC A19360 12 Allegro MicroSystems 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com Figure 14: ICC(MID) Pulse-Truncating Standstill Pulse Ex- ample, -xAx8 Variant Standstill Request High- Resolution Request tPSSD ICC(MID) ICC(Low) Figure 15: ICC(HIGH) Pulse-Truncating Standstill Pulse Example Standstill Request Primary Request ICC(MID) ICC(LOW) ICC(HIGH) If no pulses are output for tSTOP, in the -xAxx variant of the A19360, a standstill pulse is generated. The standstill event is always generated with an ICC(MID) speed pulse. For the -xAx8 variant, where high-resolution pulses are also generated with an ICC(MID) pulse, the A19360 delays the high-resolution pulse by tPSSD if a high-resolution pulse truncates a standstill pulse. Data bits [5:7] report the air-gap indication. These bits give eight air-gap ranges with respect to the measured peak-to-peak mag- netic field, BDIFF(pk-pk). LM Air Gap Table Standstill Table 3: Data Bits [5:7]—Air Gap Indications LM2 LM1 LM0 BDIFF(pk-pk) Range (Typ.) 0 0 0 < 5.6 G 0 0 1 5.6 to 11 G 0 1 0 11 to 22 G 0 1 1 22 to 45 G 1 0 0 45 to 90 G 1 0 1 90 to 180 G 1 1 0 180 to 360 G 1 1 1 > 360 G Data bits [5:7] report which HR pulse was generated. These bits allow for up to eight unique pulse labels, so each HR pulse has a unique label. HR2 HR1 HR0 Description 0 0 0 Unused 0 0 1 HR pulse 1 0 1 0 HR pulse 2 0 1 1 HR pulse 3 1 0 0 Unused 1 0 1 HR pulse 4 1 1 0 HR pulse 5 1 1 1 HR pulse 6 Table 4: Data Bits [5:7]—HR Pulses |