Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A19360LUBATN-RPR4 Datasheet(PDF) 15 Page - Allegro MicroSystems

No. de pieza A19360LUBATN-RPR4
Descripción Electrónicos  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RPR4 Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button A19360LUBATN-RPR4 Datasheet HTML 10Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 11Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 12Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 13Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 14Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 15Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 16Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 17Page - Allegro MicroSystems A19360LUBATN-RPR4 Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
15
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
N
S
N
S
N
S
N
N
S
Primary
High-Res
Target
Differential
Magnetic
Profile
Output
Events
Forward Rotation
Direct
Change
Reverse Rotation
Figure 18: Direction Change Behavior
Constant Target Rotation
Constant Target Rotation
S
N
Primary
High-Res
N
Target
Differential
Magnetic
Profile
Vibration
NS
NN
S
S
Output
Events
Figure 19: Vibration Behavior
During a vibration event, the last reported direction before
blanking begins depends on the magnetic angle where vibration
began. As the -xxx4 variant detects vibration at a higher
resolution than output events, vibration may be entered after
consecutive direction events are outputted.
During operation, the A19360 is exposed to changes in the
direction of target rotation (Figure 18), vibrations of the target
(Figure 19), and anomalous events such as sudden air-gap
changes. The A19360 has built-in vibration algorithms that detect
and blank pulses if the directional changes of NVIB_CHANGE occur
without the TVIB_CONST consecutive constant direction pulses
between each direction change. Vibration detection exits when
TVIB_CONST consecutive direction events occur.
Direction Changes, Vibrations, and Anomalous Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18