Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A19300LUBATN-RNBGA Datasheet(PDF) 11 Page - Allegro MicroSystems

No. de pieza A19300LUBATN-RNBGA
Descripción Electrónicos  ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19300LUBATN-RNBGA Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A19300LUBATN-RNBGA Datasheet HTML 7Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 8Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 9Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 10Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 11Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 12Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 13Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 14Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
with Speed and Direction Output
A19300
11
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
BOP
BOP
BRP
BRP
Device Orientation
to Target
Package Case Branded Face
Target Magnetic Profile
+B
–B
Mechanical Position (Target moves past device pin 1 to pin 2)
Target
(Radial Ring Magnet)
IC Internal Differential Analog Signals, BDIFF
Detected Channel Switching
Output (pulse protocol)
(Pin 2 Side)
(Pin 1 Side)
(Top View of
Package Case)
IC
This pole
sensed later
This pole
sensed earlier
N
SS
Speed Channel
Element Pitch
Channel A
Channel A
Channel B
Channel B
Package Case Branded Face
(Pin 2 Side)
(Pin 1 Side)
(Top View of
Package Case)
Back-Biasing Magnet
Speed Channel
Element Pitch
This tooth
sensed
earlier
This tooth
sensed
later
Device Orientation to Target
Mechanical Position (Target moves past device pin 1 to pin 2)
Target
(Gear)
+B
Target Magnetic Profile
IC
South Pole
North Pole
BOP
BOP
BRP
BRP
IC Internal Differential Analog Signals, BDIFF
Detected Channel Switching
Output (pulse protocol)
Channel A
Channel A
Channel B
Channel B
Figure 9: Basic Operation
Channel A or Channel B can be used as the output switching channel.
This is determined on startup by the first channel that switches.
The non-switching channel is used for direction detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com