Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A19300LUBATN-RNBGA Datasheet(PDF) 15 Page - Allegro MicroSystems

No. de pieza A19300LUBATN-RNBGA
Descripción Electrónicos  ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19300LUBATN-RNBGA Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button A19300LUBATN-RNBGA Datasheet HTML 9Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 10Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 11Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 12Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 13Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 14Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 15Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 16Page - Allegro MicroSystems A19300LUBATN-RNBGA Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
with Speed and Direction Output
A19300
15
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
The device must be operated below the maximum junction tem-
perature of the device (TJ(max)). Under certain combinations of
peak conditions, reliable operation may require derating supplied
power or improving the heat dissipation properties of the appli-
cation. This section presents a procedure for correlating factors
affecting operating TJ. (Thermal data is also available on the
Allegro MicroSystems website.)
The Package Thermal Resistance (RθJA) is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity
(K) of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case (RθJC) is
a relatively small component of RθJA. Ambient air temperature
(TA) and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation or PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
Δ
T = PD
× RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VCC = 12 V, ICC = 7.15 mA, and RθJA = 213°C/W, then:
PD = VCC
× ICC = 12 V × 7.15 mA = 85.8 mW
Δ
T = PD
× RθJA = 85.8 mW × 213°C/W = 18.3°C
TJ = TA + ΔT = 25°C + 18.3°C = 43.3°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding TJ(max),
at a selected RθJA and TA.
Example: Reliability for VCC at TA=150°C, package UB, using
minimum-K PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=213°C/W, TJ(max) =165°C, VCC(max)= 24 V, and
ICC(AVG) = 14.8 mA. ICC(AVG) is computed using ICC(HIGH)(max)
and ICC(LOW)(max), with a duty cycle of 84% computed from
tw(REV)(max) on-time and tw(PRE)(min) off-time (pulse width proto-
col).
Calculate the maximum allowable power level (PD(max)). First,
invert equation 3:
Δ
Tmax = TJ(max) – TA = 165°C–150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ΔTmax÷RθJA =15°C÷213°C/W=70.4mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(AVG)= 70.4mW÷14.8mA=4.8 V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.
POWER DERATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com