Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A19300LUBATN-RWBGA Datasheet(PDF) 10 Page - Allegro MicroSystems

No. de pieza A19300LUBATN-RWBGA
Descripción Electrónicos  ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19300LUBATN-RWBGA Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A19300LUBATN-RWBGA Datasheet HTML 6Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 7Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 8Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 9Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 10Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 11Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 12Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 13Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
with Speed and Direction Output
A19300
10
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
The A19300 sensor IC contains a single-chip Hall-effect circuit
that supports three Hall elements. These elements are used in
differential pairs to provide electrical signals containing informa-
tion regarding edge position and direction of target rotation. The
A19300 is intended for use with ring magnet targets, or, when
back-biased with an appropriate magnet, with ferrous targets. The
IC detects the peaks of the magnetic signals and sets dynamic
thresholds based on these detected signals.
Data Protocol Description
When a target passes in front of the device (opposite the branded
face of the package case), the A19300 generates an output pulse
for each magnetic pole or for each tooth and each valley of the
target. Speed information is provided by the output pulse rate,
while direction of target rotation is provided by the duration of
the output pulses.
FORWARD ROTATION
For the –F variant, when the target is rotating such that a target
feature passes from pin 1 to pin 2, this is referred to as forward
rotation. This direction of rotation is indicated on the output by
a tW(FWD) pulse width. For the –R variant, forward direction is
indicated for target rotation from pin 2 to 1 (refer to Figure 7).
REVERSE ROTATION
For the –F variant, when the target is rotating such that a target
feature passes from pin 2 to pin 1, this is referred to as reverse
rotation. This direction of rotation is indicated on the output by
a tW(REV) pulse width. For the –R variant, reverse direction is
indicated for target rotation from pin 1 to 2.
Output edges are triggered by BDIFF transitions through the
switch points. On a crossing, the output is first set to ICC(LOW) for
a duration of tw(PRE), after which the output pulse of ICC(HIGH) is
present for tw(FWD), tw(REV), or tw(WARN). The IC is always capa-
ble of properly detecting input signals up to the defined operating
frequency. The tw(PRE) period is dominant, thus always providing
rising output edge, but at high frequencies potentially truncating
the ICC(HIGH) duration.
Figure 7: Target Orientation Relative to Device
(ring magnet shown).
N
N
N
N
N
S
S
S
S
S
N
N
N
N
N
S
S
S
S
S
(A) Forward Rotation (-F variant)
(B) Reverse Rotation (-F variant)
Branded Face
of Sensor
Branded Face
of Sensor
Pin 1
Pin 2
Pin 1
Pin 2
Rotating Target
Rotating Target
Figure 8: Output Timing Example
S
N
tw(FWD)
tw(FWD)
tw(PRE)
tw(PRE)
ICC(LOW)
ICC(HIGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com