Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A19300LUBATN-RWBGA Datasheet(PDF) 12 Page - Allegro MicroSystems

No. de pieza A19300LUBATN-RWBGA
Descripción Electrónicos  ASIL-Compliant Hall-Effect Wheel Speed Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19300LUBATN-RWBGA Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A19300LUBATN-RWBGA Datasheet HTML 8Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 9Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 10Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 11Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 12Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 13Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 14Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 15Page - Allegro MicroSystems A19300LUBATN-RWBGA Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
with Speed and Direction Output
A19300
12
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ASIL Safe State Output Protocol
The A19300 sensor IC contains diagnostic circuitry that will
continuously monitor occurrences of failure defects within the IC.
Refer to Figure 10 for the output protocol of the ASIL safe state
after an internal defect has been detected. Error Protocol will
result from faults which cause incorrect signal transmission (i.e.,
too few or too many output pulses).
Note: If a fault exists continuously, the device will stay in perma-
nent safe state. Refer to the A19300 Safety Manual for additional
details on the ASIL Safe State Output Protocol.
N
S
N
Magne�c
Encoder
ICC(HIGH)
ICC(LOW)
ICC(HIGH)
ICC(LOW)
S
N
IRESET
tRESET
Normal
Opera�on
Error
Protocol
Error
TCAL
Figure 10: Output Protocol (ASIL Safe State)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com