| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSC1214 Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC1214 Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 18 page ![]() The data field is the last 8-bit long sequence sent, followed by a last acknowledgement. Table 6. TSC1214 address format b7 b6 b5 b4 b3 b2 b1 b0 1 1 1 0 0 0 0 R/W Table 7. Register address format b7 b6 b5 b4 b3 b2 b1 b0 RegADDR7 RegADDR6 RegADDR5 RegADDR4 RegADDR3 RegADDR2 RegADDR1 RegADDR0 Table 8. Device data format b7 b6 b5 b4 b3 b2 b1 b0 DATA7 DATA6 DATA5 DATA4 DATA3 DATA2 DATA1 DATA0 Figure 8. Read operation Start Device addr Reg address 8 bits A Restart Device addr A Reg data 8 bits A Reg data 8 bits A Reg data 8 bits A Address n+1 Start bit = SDA falling when SCL = 1 7 bits 7 bits Stop A W Stop bit = SDA rising when SCL = 1 Restart bit = start after a start Master Slave Acknowledge = SDA forced low during a SCL clock R Address n+2 Figure 9. Write operation Start Device addr Reg address 8 bits A Reg data A Reg data 8 bits A Reg data 8 bits A Address n+1 Start bit = SDA falling when SCL = 1 7 bits 8 bits Stop A W Stop bit = SDA rising when SCL = 1 Restart bit = start after a start Address n+2 TSC1214 Application information DS14731 - Rev 1 page 8/18 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |