| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSC1214 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC1214 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 18 page ![]() 2 Absolute maximum ratings and operating conditions Table 2. Absolute maximum ratings Symbol Parameter Value Unit Vmax Maximum voltage on any pin 7 V Vio Voltage on I/O pins -0.3 to +7 V Tstg Maximum storage temperature -55 to +150 °C Tj Maximum junction temperature +150 °C Rth-ja Junction to ambient thermal resistance (for MiniSO8) 190 °C/W ESD Human Body Model (HBM) 2000 V Table 3. Operating conditions Symbol Parameter Value Unit VS Analog supply voltage 2.7 to 4.5 V T Operating free-air temperature range -40 to +85 °C TSC1214 Absolute maximum ratings and operating conditions DS14731 - Rev 1 page 3/18 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |